Part Number Hot Search : 
APTGT5 0932115X GL5401 GBU404 2N4168 BAR5010 LHR3630 CY7C1020
Product Description
Full Text Search
 

To Download IRFR220NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
PD- 95063A
SMPS MOSFET
Applications l High frequency DC-DC converters l Lead-Free
IRFR220NPBF IRFU220NPbF
HEXFET(R) Power MOSFET
VDSS RDS(on) max (m)
200V 600
ID
5.0A
Benefits Low Gate to Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
l
D-Pak IRFR22ON
I-Pak IRFU220N
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
5.0 3.5 20 43 0.71 20 7.5 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Telecom 48V input Forward Converters
Notes through are on page 10
www.irf.com
1
12/10/04
IRFR/U220NPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. Typ. Max. Units Conditions 200 --- --- V VGS = 0V, I D = 250A --- 0.23 --- V/C Reference to 25C, ID = 1mA --- --- 600 m VGS = 10V, ID = 2.9A 2.0 --- 4.0 V VDS = VGS , ID = 250A --- --- 25 VDS = 200V, VGS = 0V A --- --- 250 VDS = 160V, VGS = 0V, TJ = 150C --- --- 100 VGS = 20V nA --- --- -100 VGS = -20V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 2.6 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 15 2.4 6.1 6.4 11 20 12 300 53 15 300 23 46 Max. Units Conditions --- S VDS = 50V, ID = 2.9A 23 ID = 2.9A 3.6 nC VDS = 160V 9.2 VGS = 10V, --- VDD = 100V --- ID = 2.9A ns --- RG = 24 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, V DS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 160V, = 1.0MHz --- VGS = 0V, VDS = 0V to 160V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
46 2.9 4.3
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)* Junction-to-Ambient Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Typ.
--- --- --- Min. Typ. Max. Units
Max.
3.5 50 110
Units
C/W
Diode Characteristics
IS
ISM
VSD trr Qrr ton
Conditions D MOSFET symbol --- --- 5.0 showing the A G integral reverse --- --- 20 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 2.9A, VGS = 0V --- 90 140 ns TJ = 25C, I F = 2.9A --- 320 480 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFR/U220NPbF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
1
1
4.5V
0.1
4.5V
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 4.8A
I D , Drain-to-Source Current (A)
TJ = 25 C
10
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60 -40 -20 0
TJ = 175 C
1
0.1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR/U220NPbF
10000
20
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 2.9A VDS = 160V VDS = 100V VDS = 40V
16
1000
C, Capacitance(pF)
Ciss
100
12
Coss
10
8
Crss
4
1 1 10 100 1000
0 0 5 10
FOR TEST CIRCUIT SEE FIGURE 13
15 20 25
Q G, Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
ID , Drain Current (A)
10us 10
10
TJ = 175 C
100us 1 1ms
1
TJ = 25 C
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
0.1 1
TC = 25 C TJ = 175 C Single Pulse
10 100
10ms
1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR/U220NPbF
5.0
V DS VGS
RD
4.0
ID , Drain Current (A)
RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
3.0
2.0
Fig 10a. Switching Time Test Circuit
1.0
VDS 90%
0.0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 PDM 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 t1 t2
0.01 0.000001
0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR/U220NPbF
EAS , Single Pulse Avalanche Energy (mJ)
80
15V
TOP BOTTOM
60
ID 1.2A 2.1A 2.9A
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
+ V - DD
40
A
0.01
Fig 12a. Unclamped Inductive Test Circuit
20
0 25 50 75 100 125 150 175
V(BR)DSS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
12V .2F
50K .3F
QGS VG
QGD
D.U.T. VGS
3mA
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR/U220NPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
-
+
RG
* * * *
dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFR/U220NPbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRF R120 WIT H ASSEMBLY LOT CODE 1234 ASS EMBLED ON WW 16, 1999 IN THE ASS EMBLY LINE "A" Note: "P" in ass embly line position indicates "Lead-F ree" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
IRFU120 12 916A 34
ASS EMBLY LOT CODE
DATE CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
PART NUMBER INT ERNATIONAL RECT IFIER LOGO
IRFU120 12 34
DAT E CODE P = DESIGNATES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = ASSEMBLY SIT E CODE
ASSEMBLY LOT CODE
8
www.irf.com
IRFR/U220NPbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
E XAMPLE: T HIS IS AN IRFU120 WIT H AS SEMBLY LOT CODE 5678 ASS EMBLE D ON WW 19, 1999 IN T HE AS SE MBLY LINE "A" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RE CT IFIER LOGO PART NUMBE R
IRF U120 919A 56 78
ASSE MBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO PART NUMB ER
IRF U120 56 78
AS SEMBLY LOT CODE
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = AS SEMBLY SIT E CODE
www.irf.com
9
IRFR/U220NPbF
TR
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 11mH
RG = 25, IAS = 2.9A.
ISD 2.9A, di/dt 320A/s, VDD V(BR)DSS,
TJ 175C * When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 12/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFR220NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X